Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1485EEP Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP1485EEP
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1485EEP Datasheet(HTML) 1 Page - Sipex Corporation

  SP1485EEP Datasheet HTML 1Page - Sipex Corporation SP1485EEP Datasheet HTML 2Page - Sipex Corporation SP1485EEP Datasheet HTML 3Page - Sipex Corporation SP1485EEP Datasheet HTML 4Page - Sipex Corporation SP1485EEP Datasheet HTML 5Page - Sipex Corporation SP1485EEP Datasheet HTML 6Page - Sipex Corporation SP1485EEP Datasheet HTML 7Page - Sipex Corporation SP1485EEP Datasheet HTML 8Page - Sipex Corporation SP1485EEP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
© Copyright 2004 Sipex Corporation
SP1485E
■ +5V supply
■ Low Power BiCMOS
■ Driver/Receiver Enable for Multi-Drop
configurations
■ Available in 8 Pin NSOIC or PDIP
packages
■ Enhanced ESD Specifications:
+15KV Human Body Model
+15KV IEC1000-4-2 Air Discharge
+8KV IEC1000-4-2 Contact Discharge
Enhanced Low Power Half-Duplex
RS-485 Transceivers
®
PRELIMINARY
R
D
RO 1
RE 2
DE 3
DI 4
8 Vcc
7 B
6 A
5 GND
SP1485E
The SP1485E is a half-duplex transceiver that meets the specifications of RS-485 and RS-
422 serial protocols with enhanced ESD performance. The ESD tolerance has been improved
on this device to over +15KV for both Human Body Model and IEC1000-4-2 Air Discharge
Method. This device is pin-to-pin compatible with Sipex's SP485 devices as well as popular
industry standards. As with the original version, the SP1485E features Sipex's BiCMOS
design allowing low power operation without sacrificing performance. The SP1485E meets
the requirements of the RS-485 and RS-422 protocols up to 20Mbps under load.
DESCRIPTION
1
2
3
4
5
6
7
8
RO
SP1485E
8 Pin - nSOIC
DE
RE
B
VCC
A
DI
GND
BLOCK DIAGRAM


Similar Part No. - SP1485EEP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1485EEN-L EXAR-SP1485EEN-L Datasheet
576Kb / 10P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1485EEN-L/TR EXAR-SP1485EEN-L/TR Datasheet
576Kb / 10P
Enhanced Low Power Half-Duplex RS-485 Transceivers
More results

Similar Description - SP1485EEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
100Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
519Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481E SIPEX-SP1481E Datasheet
73Kb / 11P
짹15kV Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP481E EXAR-SP481E Datasheet
618Kb / 12P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481E EXAR-SP1481E Datasheet
576Kb / 10P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com