Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5101AM Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5101AM
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5101AM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5101AM Datasheet HTML 9Page - Texas Instruments LM5101AM Datasheet HTML 10Page - Texas Instruments LM5101AM Datasheet HTML 11Page - Texas Instruments LM5101AM Datasheet HTML 12Page - Texas Instruments LM5101AM Datasheet HTML 13Page - Texas Instruments LM5101AM Datasheet HTML 14Page - Texas Instruments LM5101AM Datasheet HTML 15Page - Texas Instruments LM5101AM Datasheet HTML 16Page - Texas Instruments LM5101AM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
7
8
9
10
11
12
13
14
15
VDD (V)
0.10
0.15
0.35
0.20
0.25
0.30
LM5100B/LM5101B
LM5100A/LM5101A
IOUT = 100 mA
LM5100C/LM5101C
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
0.00
0.50
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12 V
7
8
9
10
11
12
13
14
VDD (V)
15
0.1
0.8
0.2
0.3
0.4
0.5
0.6
0.7
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
IOUT = -100 mA
T_PLH
T_PHL
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
15
25
30
35
40
20
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
0.0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12 V
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
Figure 21. LO and HO Gate Drive - High Level Output
Figure 20. LM5101A/B/C Propagation Delay vs Temperature
Voltage vs Temperature
Figure 22. LO and HO Gate Drive - Low Level Output
Figure 23. LO and HO Gate Drive - Output High Voltage vs
Voltage vs Temperature
VDD
Figure 24. LO and HO Gate Drive - Output Low Voltage vs VDD
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com