| Electronic Components Datasheet Search |
|
LM5101ASD Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM5101ASD Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 37 page ![]() To Hi-Side FET To Low-Side FET Single Layer Option Multi Layer Option Recommended Layout for Driver IC and Passives VSS LO LI SO PowerPAD-8 HI VDD HB HO HS LM5100A, LM5100B, LM5100C LM5101A, LM5101B, LM5101C www.ti.com SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015 11 Layout 11.1 Layout Guidelines The optimum performance of high and low-side gate drivers cannot be achieved without taking due considerations during circuit board layout. Following points are emphasized. 1. Low-ESR/ESL capacitors must be connected close to the IC, between VDD and VSS pins and between the HB and HS pins to support the high peak currents being drawn from VDD during turnon of the external MOSFET. 2. To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor must be connected between MOSFET drain and ground (VSS). 3. In order to avoid large negative transients on the switch node (HS pin), the parasitic inductances in the source of top MOSFET and in the drain of the bottom MOSFET (synchronous rectifier) must be minimized. 4. Grounding Considerations: – The first priority in designing grounding connections is to confine the high peak currents that charge and discharge the MOSFET gate into a minimal physical area. This will decrease the loop inductance and minimize noise issues on the gate terminal of the MOSFET. The MOSFETs should be placed as close as possible to the gate driver. – The second high current path includes the bootstrap capacitor, the bootstrap diode, the local ground referenced bypass capacitor and low-side MOSFET body diode. The bootstrap capacitor is recharged on a cycle-by-cycle basis through the bootstrap diode from the ground referenced VDD bypass capacitor. The recharging occurs in a short time interval and involves high peak current. Minimizing this loop length and area on the circuit board is important to ensure reliable operation. A recommended layout pattern for the driver is shown in Figure 30. If possible a single layer placement is preferred. 11.2 Layout Example Figure 30. PCB Layout Recommendation Copyright © 2006–2015, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |