Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBUR0340-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBUR0340-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBUR0340-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBUR0340-HF Datasheet HTML 1Page - Comchip Technology CDBUR0340-HF Datasheet HTML 2Page - Comchip Technology CDBUR0340-HF Datasheet HTML 3Page - Comchip Technology CDBUR0340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBUR0320/0330/0340-HF
SMD Schottky Barrier Diode
Page 1
QW-G1077
REV:A
Symbol
Typ
Parameter
Conditions
Min
Max Unit
Forward voltage
Capacitance between terminals
Reverse recovery time
f = 1 MHz, and 0 VDC reverse voltage
IF=IR=10mA,Irr=0.1xIR,RL=100 ohm
CT
Trr
pF
nS
6.4
50
CDBUR0330-HF
CDBUR0320-HF
CDBUR0340-HF
VF
V
5
5
5
0.37
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Reverse current
IR
uA
IF = 20mA
IF = 200mA
VR = 10V
VR = 20V
VR = 30V
0.60
O
Maximum Rating (at TA=25 C unless otherwise noted)
VR
VRRM
Reverse voltage
Repetitive Peak reverse voltage
Symbol
Parameter
CDBUR0320
Unit
V
30
IO
VR(RMS)
Average forward rectified current
RMS reverse voltage
mA
V
350
IFSM
A
1.5
TSTG
Tj
Storage temperature
Junction temperature
OC
OC
-65 TO +125
PD
Power dissipation
Thermal resistance junction
to ambient air
mW
OC/W
150
667
R JA
8.3 ms single half sine-wave
Forward current, surge peak
CDBUR0330 CDBUR0340
40
20
14
21
28
+125
0.071(1.80)
0.063(1.60)
0.039(1.00)
0.031(0.80)
0.033(0.85)
0.027(0.70)
Dimensions in inches and (millimeter)
0.028(0.70) Typ.
0.018(0.45) Typ.
Comchip Technology CO., LTD.
0603/SOD-523F
Features
-Low forward voltage.
-Designed for mounting on small surface.
-Extremely thin / leadless package.
-Majority carrier conduction.
Mechanical data
-Case: 0603/SOD-523F standard package,
molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
-Marking code:
CDBU0320-HF : BH
CDBU0330-HF : BJ
CDBU0340-HF : BK
-Mounting position: Any
-Weight: 0.003 gram(approx.).
Io = 350 mA
VR = 20 to 40 Volts
RoHS Device
Halogen Free


Similar Part No. - CDBUR0340-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBUR0340 COMCHIP-CDBUR0340 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBUR0340-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com