Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBUR0530-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBUR0530-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBUR0530-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBUR0530-HF Datasheet HTML 1Page - Comchip Technology CDBUR0530-HF Datasheet HTML 2Page - Comchip Technology CDBUR0530-HF Datasheet HTML 3Page - Comchip Technology CDBUR0530-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Reverse voltage (V)
RATING AND CHARACTERISTIC CURVES (CDBUR0530-HF)
SMD Schottky Barrier Diode
Page 2
0.2
0.4
0
10
100
0.5
1
0.7
Forward voltage (V)
Fig. 1 - Forward characteristics
Reverse voltage (V)
100u
0.1 u
1m
100m
10u
1u
0
5
10
15
20
Fig. 2 - Reverse characteristics
O
-25 C
0
5
10
15
20
0
10
20
30
60
f=1MHz
O
Ta=25 C
40
50
0
20
40
60
80
100
0
25
50
75
100
125
150
O
Ambient temperature ( C)
Fig.4 - Current derating curve
120
1000
QW-G1086
Fig. 3 - Capacitance between
terminals characteristics
0.1
0.3
0.6
10m
O
100 C
O
75 C
O
25 C
REV:A
Comchip Technology CO., LTD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com