Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38693MP-5.0/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693MP-5.0/NOPB
Description  Low-Dropout CMOS Linear Regulators Stable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693MP-5.0/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38693MP-5.0/NOPB Datasheet HTML 9Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 10Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 11Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 12Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 13Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 14Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 15Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 16Page - Texas Instruments LP38693MP-5.0/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LP38691, LP38693, LP38691-Q1, LP38693-Q1
www.ti.com
SNVS321O – JANUARY 2005 – REVISED DECEMBER 2015
8.3 Feature Description
8.3.1 Enable (EN)
The LP38693 has an Enable pin (EN) which allows an external control signal to turn the regulator output On and
Off. The Enable On/Off threshold has no hysteresis. The voltage signal must rise and fall cleanly, and promptly,
through the ON and OFF voltage thresholds. The EN pin voltage must be higher than the VEN(MIN) threshold to
ensure that the device is fully enabled under all operating conditions. The EN pin voltage must be lower than the
VEN(MAX) threshold to ensure that the device is fully disabled. The EN pin has no internal pullup or pulldown to
establish a default condition and, as a result, this pin must be terminated either actively or passively. If the EN
pin is driven from a source that actively pulls high and low, the drive voltage must not be allowed to go below
ground potential or higher than VIN. If the application does not require the Enable function, the pin must be
connected directly to the IN pin.
8.3.2 Thermal Overload Protection (TSD)
Thermal Shutdown disables the output when the junction temperature rises to approximately 160°C which allows
the device to cool. When the junction temperature cools to approximately 150°C, the output circuitry enables.
Based on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may
cycle on and off. This thermal cycling limits the dissipation of the regulator and protects it from damage as a
result of overheating. The Thermal Shutdown circuitry of the LP38693 has been designed to protect against
temporary thermal overload conditions.
The Thermal Shutdown circuitry was not intended to replace proper heat-sinking. Continuously running the
LP38693 device into thermal shutdown degrades device reliability.
8.3.3 Foldback Current Limiting
Foldback current limiting is built into the LP38691 and LP38693 devices which reduces the amount of output
current the part can deliver as the output voltage is reduced. The amount of load current is dependent on the
differential voltage between the IN and OUT pins. Typically, when this differential voltage exceeds 5 V, the load
current limits at about 350 mA. When the VIN – VOUT differential is reduced below 4 V, load current is limited to
about 850 mA.
CAUTION
When toggling the LP38693 Enable (EN) after the input voltage (VIN) is applied, the
foldback current limit circuitry is functional the first time that the EN pin is taken high.
The foldback current limit circuitry is non-functional the second, and subsequent, times
that the EN pin is taken high. Depending on the input and output capacitance values
the input inrush current may be higher than expected which can cause the input
voltage to droop.
If the EN pin is connected to the IN pin, the foldback current limit circuitry is functional
when VIN is applied if VIN starts from less than 0.4 V.
8.4 Device Functional Modes
8.4.1 Enable (EN)
The EN pin voltage must be higher than the VEN(MIN) threshold to ensure that the device is fully enabled under all
operating conditions.
8.4.2 Minimum Operating Input Voltage (VIN)
The LP38691 and LP38693 do not include any dedicated UVLO circuitry. Neither device internal circuitry is fully
functional until VIN is at least 2.7 V. The output voltage is not regulated until VIN ≥ (VOUT + VDO), or 2.7 V,
whichever is higher.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38691 LP38693 LP38691-Q1 LP38693-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com