Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38693SD-3.3/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693SD-3.3/NOPB
Description  Low-Dropout CMOS Linear Regulators Stable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693SD-3.3/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP38693SD-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LP38693SD-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LP38693SD-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LP38693SD-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LP38693SD-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP38693SD-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP38693SD-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP38693SD-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP38693SD-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LP38691, LP38693, LP38691-Q1, LP38693-Q1
www.ti.com
SNVS321O – JANUARY 2005 – REVISED DECEMBER 2015
7.5 Thermal Information
LP38691
LP38693
LP3869x
THERMAL METRIC(1)
TO-252
WSON
SOT-223
UNIT
3 PINS
6 PINS
5 PINS
RθJA
(2)
Junction-to-ambient thermal resistance
50.5
50.6
68.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.6
44.4
52.2
°C/W
RθJB
Junction-to-board thermal resistance
29.7
24.9
13.0
°C/W
ψJT
Junction-to-top characterization parameter
4.8
0.4
5.5
°C/W
ψJB
Junction-to-board characterization parameter
29.3
25.1
12.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.5
5.4
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Junction-to-ambient thermal resistance, High-K.
7.6 Electrical Characteristics
Unless otherwise specified, limits apply for TJ = 25°C, VIN = VOUT + 1 V, CIN = COUT = 10 µF, ILOAD = 10 mA. Minimum and
maximum limits are specified through testing, statistical correlation, or design.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
–2
2
100 µA < IL < 0.5 A
VO
Output voltage tolerance
%VOUT
VO + 1 V ≤ VIN ≤ 10 V
–4
4
Full operating temperature range
VO + 0.5 V ≤ VIN ≤ 10 V
0.03
IL = 25 mA
Output voltage line
ΔVO/ΔVIN
%/V
VO + 0.5 V ≤ VIN ≤ 10 V
regulation(2)
IL = 25 mA
0.1
Full operating temperature range
1 mA < IL < 0.5 A
1.8
VIN = VO + 1 V
Output voltage load
ΔVO/ΔIL
%/A
1 mA < IL < 0.5 A
regulation(3)
VIN = VO + 1 V
5
Full operating temperature range
IL = 0.1 A
80
(VO = 2.5 V)
IL = 0.5 A
430
(VO = 2.5 V)
IL = 0.1 A
145
Full operating temperature
IL = 0.5 A
725
range
IL = 0.1 A
65
(VO = 3.3 V)
IL = 0.5 A
330
VIN – VOUT Dropout voltage
(4)
mV
(VO = 3.3 V)
IL = 0.1 A
110
Full operating temperature
IL = 0.5 A
550
range
IL = 0.1 A
45
(VO = 5 V)
IL = 0.5 A
250
(VO = 5 V)
IL = 0.1 A
100
Full operating temperature
IL = 0.5 A
450
range
(1)
Typical numbers represent the most likely parametric norm for 25°C operation.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from 1 mA to
full load.
(4)
Dropout voltage is defined as the minimum input to output differential required to maintain the output within 100 mV of nominal value.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38691 LP38693 LP38691-Q1 LP38693-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com