Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDST-2004S-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDST-2004S-HF
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST-2004S-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDST-2004S-HF Datasheet HTML 1Page - Comchip Technology CDST-2004S-HF Datasheet HTML 2Page - Comchip Technology CDST-2004S-HF Datasheet HTML 3Page - Comchip Technology CDST-2004S-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical and Characteristic Curves (CDST-2004S-HF)
Page 2
SMD Switching Diode
QW-J0007
REV:A
Fig.2- Typical Forward Characteristics
0.01
Instantaneous Forward Voltage, (V)
0
2.0
1000
1.2
0.1
1.0
Fig.4- Typical Reverse Current
Characteristics
0.4
0.8
10
1.6
100
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
0
50
100
150
200
250
Ambient temperature, (°C)
Fig.1- Power Derating
300
25
50
75
125
100
150
0
Fig.3- Typical Diode Capacitance
Characteristics
Reverse Voltage, (V)
0
1.5
0.01
10
0.5
1.0
0.1
1.0
2.0
0
40
80
120
160
200
240
Reverse Voltage, (V)
0
0.1
10.0
1.0
0.01
Ta=25°C
Ta=150°C
Ta=25°C
Ta=50°C
Ta=75°C
Ta=100°C
Ta=125°C
Ta=150°C
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com