Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSNJ2000 Datasheet(PDF) 4 Page - New Japan Radio

Part # NSNJ2000
Description  PHS-IF f0=265.55MHz BW=0.2MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSNJ2000 Datasheet(HTML) 4 Page - New Japan Radio

  NSNJ2000 Datasheet HTML 1Page - New Japan Radio NSNJ2000 Datasheet HTML 2Page - New Japan Radio NSNJ2000 Datasheet HTML 3Page - New Japan Radio NSNJ2000 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NSNJ2000 Nov-2013
  
S21
0
1
2
3
4
5
6
7
8
9
10
265.05
265.55
266.05
Frequency [MHz]
S21
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
265.05
265.55
266.05
Frequency [MHz]
S21
0
5
10
15
20
25
30
35
40
45
50
264.05
265.55
267.05
Frequency [MHz]
S21
0
10
20
30
40
50
60
70
80
90
100
240.55
265.55
290.55
Frequency [MHz]
S22
S11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com