Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW4 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW4
Description  SP4T AlGaAs PIN Diode Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW4 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW4_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SP4T AlGaAs PIN Diode Switch
Rev. V4
MA4AGSW4
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications @ TA = 25°C, +/-10mA bias current
(On-wafer measurements)
RF SPECIFICATIONS
PARAMETER
FREQUENCY BAND
MIN
TYP
MAX
UNITS
INSERTION LOSS
0.05 - 18 GHz
0.7
0.8
dB
18 - 50 GHz
1.0
1.4
dB
ISOLATION
0.05 - 18 GHz
25
41
dB
18 - 50 GHz
25
32
dB
INPUT RETURN LOSS
0.05 - 18 GHz
10
21
dB
18 - 50 GHz
10
22
dB
OUTPUT RETURN LOSS
0.05 - 18 GHz
10
26
dB
18 - 50 GHz
10
17
dB
SWITCHING SPEED
10 GHz
20
nS
*Note:
Typical switching speed is measured from 10% to 90% of the detected RF voltage driven
by a TTL compatible driver. Driver output parallel RC network uses a capacitor between
390 pF - 560 pF and a resistor between 150 - 220 Ohms to achieve 20 ns rise and fall times.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com