Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3543 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3543
Description  Photocouplers Photorelay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3543 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3543 Datasheet HTML 1Page - Toshiba Semiconductor TLP3543 Datasheet HTML 2Page - Toshiba Semiconductor TLP3543 Datasheet HTML 3Page - Toshiba Semiconductor TLP3543 Datasheet HTML 4Page - Toshiba Semiconductor TLP3543 Datasheet HTML 5Page - Toshiba Semiconductor TLP3543 Datasheet HTML 6Page - Toshiba Semiconductor TLP3543 Datasheet HTML 7Page - Toshiba Semiconductor TLP3543 Datasheet HTML 8Page - Toshiba Semiconductor TLP3543 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP3543
2
5.
5.
5.
5. Internal Circuit
Internal Circuit
Internal Circuit
Internal Circuit
Fig.
Fig.
Fig.
Fig. 5.1
5.1
5.1
5.1 Internal Circuit
Internal Circuit
Internal Circuit
Internal Circuit
6.
6.
6.
6. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input reverse voltage
Input power dissipation
Junction temperature
OFF-state output terminal voltage
ON-state current (A connection)
ON-state current (B connection)
ON-state current (C connection)
ON-state current derating (A connection)
ON-state current derating (B connection)
ON-state current derating (C connection)
ON-state current (pulsed)
Output power dissipation
Junction temperature
Storage temperature
Operating temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 25)
(100 µs pulse, 100 pps)
(Ta ≥ 25)
(Ta ≥ 25)
(Ta ≥ 25)
(t = 100 ms, Duty = 1/10)
(10 s)
AC, 1 min, R.H. ≤ 60%
Symbol
IF
∆IF/∆Ta
IFP
VR
PD
Tj
VOFF
ION
ION
ION
∆ION/∆Ta
∆ION/∆Ta
∆ION/∆Ta
IONP
PO
Tj
Tstg
Topr
Tsol
BVS
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 2)
Rating
30
-0.3
1
5
50
125
20
4
4
8
-40
-40
-80
12
500
125
-55 to 125
-40 to 85
260
2500
Unit
mA
mA/
A
V
mW
V
A
mA/
A
mW
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: For an application circuit example, see Fig. 12.2.
Note 2: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4, 5 and 6
are shorted together.
2012-03-16
Rev.2.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com