Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3555 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3555
Description  Photocouplers Photorelay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3555 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3555 Datasheet HTML 1Page - Toshiba Semiconductor TLP3555 Datasheet HTML 2Page - Toshiba Semiconductor TLP3555 Datasheet HTML 3Page - Toshiba Semiconductor TLP3555 Datasheet HTML 4Page - Toshiba Semiconductor TLP3555 Datasheet HTML 5Page - Toshiba Semiconductor TLP3555 Datasheet HTML 6Page - Toshiba Semiconductor TLP3555 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP3555
2
5.
5.
5.
5. Internal Circuit
Internal Circuit
Internal Circuit
Internal Circuit
Fig.
Fig.
Fig.
Fig. 5.1
5.1
5.1
5.1 Internal Circuit
Internal Circuit
Internal Circuit
Internal Circuit
6.
6.
6.
6. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input reverse voltage
Junction temperature
OFF-state output terminal voltage
ON-state current
ON-state current derating
ON-state current (pulsed)
Junction temperature
Storage temperature
Operating temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 25)
(100 µs pulse, 100 pps)
(Ta ≥ 25)
(t = 100 ms, Duty = 1/10)
(10 s)
AC, 1 min, R.H. ≤ 60%
Symbol
IF
∆IF/∆Ta
IFP
VR
Tj
VOFF
ION
∆ION/∆Ta
IONP
Tj
Tstg
Topr
Tsol
BVS
Note
(Note 1)
Rating
30
-0.3
1
5
125
60
2
-20
6
125
-55 to 125
-40 to 85
260
2500
Unit
mA
mA/
A
V
V
A
mA/
A
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: This device is considered as a two-terminal device: Pins 1 and 2 are shorted together, and pins 3 and 4 are
shorted together.
7.
7.
7.
7. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Supply voltage
Input forward current
ON-state current
Operating temperature
Symbol
VDD
IF
ION
Topr
Note
Min
5
-20
Typ.
10
Max
48
25
2
65
Unit
V
mA
A
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
2011-12-20
Rev.3.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com