Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVS1237 Datasheet(PDF) 4 Page - New Japan Radio

Part # NSVS1237
Description  NewJRC SAW FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSVS1237 Datasheet(HTML) 4 Page - New Japan Radio

  NSVS1237 Datasheet HTML 1Page - New Japan Radio NSVS1237 Datasheet HTML 2Page - New Japan Radio NSVS1237 Datasheet HTML 3Page - New Japan Radio NSVS1237 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Japan Radio Co.,Ltd.
0
20
40
60
80
100
S21
0
2
4
6
8
10
CH1 : center 909 span 200
CH2 : center 909 span 200
FREQUENCY CHARACTERISTICS
NSVS1237 Apr. 2013
S11
S22
S11
S22
1
1
3
3
5
5
7
7
9
9
11
11
809
809
1009
1009
Frequency [MHz]
Frequency [MHz]
0
20
40
60
80
100
0
3000
S21
Frequency [MHz]
NSVS971 Dec-04
Fig.1 Measuring circuit
13.30±0.20
(R0.3)
[4×]
(2.54)
(1.4)
Pin No. Connection
1GND(PKG)
2GND(PKG)
3
GND(PKG)
4GND(PKG)
5OUT/IN
6
GND(signal)
7GND(PKG)
8GND(PKG)
9GND(PKG)
10
GND(PKG)
11
IN/OUT
12
GND(signal)
(1)
(a)
(b)
(3)
Marking
(1) Manufacture's Mark
(2) Lot Number
(a) Year
(b) Month
*Oct.--- X
Nov.--- Y
Dec.--- Z
(c) Date
1-9 --- 0
10-19 --- 1
20-31 --- 2
(3) Part Number Mark
(1.26±0.13)
[12×]
[12×]
(2.54)
(R0.3)
(2.54±0.15)
(2)
12
3
4
5
6
7
8
9
10
11
12
(C)
Fig.2 Package dimensions(in mm)
J4Y1
VS971
123
4
10
987
11
12
6
5
OUT
50 O
IN
50 O
SAW
*27nH
*27nH
39pF
33pF
*murata LQW18A series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com