Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93L28 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 93L28
Description  Dual 8-Bit Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

93L28 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  93L28 Datasheet HTML 1Page - National Semiconductor (TI) 93L28 Datasheet HTML 2Page - National Semiconductor (TI) 93L28 Datasheet HTML 3Page - National Semiconductor (TI) 93L28 Datasheet HTML 4Page - National Semiconductor (TI) 93L28 Datasheet HTML 5Page - National Semiconductor (TI) 93L28 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb10 mA
b
15
V
VOH
High Level Output Voltage
VCC e Min IOH e Max
24
V
VIL e Max VIH e Min
VOL
Low Level Output Voltage
VCC e Min IOL e Max
03
V
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
HIGH Level
VCC e Max VI e 24V
MR Dx
20
Input Current
CP (7 10)
30
m
A
S40
CP Com
60
IIL
LOW Level
VCC e Max VI e 03V
MR Dx
b
400
Input Current
CP (7 10)
b
600
m
A
S
b
800
CP Com
b
1200
IOS
Short Circuit
VCC e Max
b
25
b
25
mA
Output Current
(Note 2)
ICC
Supply Current
VCC e Max
253
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for test waveforms and output load)
Symbol
Parameter
CL e 15 pF
Units
Min
Max
fmax
Maximum Shift Right Frequency
50
MHz
tPLH
Propagation Delay
45
ns
tPHL
CP to Q7 or Q7
80
tPHL
Propagation Delay MR to Q7
110
ns
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com