Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49X0204CWIEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49X0204CWIEX
Description  Low Skew 1 TO 4 Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49X0204CWIEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49X0204CWIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49X0204CWIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49X0204CWIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49X0204CWIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49X0204CWIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49X0204CWIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49X0204CWIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49X0204CWIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49X0204CWIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PI6C49X0204C
Rev B
2/23/2016
PI6C49X0204C
Low Skew 1 TO 4 Clock Buffer
Maximum Ratings
Supply Voltage, VDD ................................... 4.6V
Output Enable and All Outputs ............-0.5 V to VDD+0.5 V
CLK ........................... -0.5 V to 3.6 V (VDD > 0V)
Ambient Operating Temperature (industrial) ....... -40 to +85 °C
Storage Temperature ......................... -65 to +150°C
ESD Protection (HBM)................................ 2000 V
Note:
Stresses above the ratings listed below can cause
permanent damage to the PI6C49X0204C. Functional
operation of the device at these or any other conditions
above those indicated in the operational sections of the
specifications is not implied.
Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended
operating temperature range.
Recommended Operation Conditions
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (industrial)
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+1.425
+3.6
V
16-0038



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com