Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC265LM3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC265LM3
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC265LM3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC265LM3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
12 - 97
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
GaAs MMIC SUB-HARMONIC
SMT MIXER, 20 - 31 GHz
v01.1201
HMC265LM3
Outline Drawing
Absolute Maximum Ratings
RF / IF Input (Vdd = +5V)
+13 dBm
LO Drive (Vdd = +5V)
+13 dBm
Vdd
5.5V
Continuous Pdiss (Ta = 85 °C)
(derate 2.52 mW/°C above 85 °C)
227 mW
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
NOTES:
1. MATERIAL: PLASTIC
2. PLATING: GOLD OVER NICKEL
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. ALL TOLERANCES ARE ± 0.005 [± 0.13].
5. ALL GROUNDS MUST BE SOLDERED TO PCB RF GROUND.
6.
• INDICATES PIN 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com