Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1012-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CJ1012-G
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJ1012-G Datasheet(HTML) 3 Page - Comchip Technology

  CJ1012-G Datasheet HTML 1Page - Comchip Technology CJ1012-G Datasheet HTML 2Page - Comchip Technology CJ1012-G Datasheet HTML 3Page - Comchip Technology CJ1012-G Datasheet HTML 4Page - Comchip Technology CJ1012-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (CJ1012-G)
Page 3
MOSFET
1
100
0.1
Source to Drain Voltage, VSD(V)
0.4
Fig.5 - IS — VSD
0.8
1.2
Fig.6 - Threshold Voltage
Junction Temperature, TJ (°C)
10
1.0
25
50
75
100
125
0.65
0.80
0.60
0.85
0.75
0.70
Drain Current, ID (mA)
Fig.3 - RDS(ON) — ID
100
600
200
0
600
300
200
500
400
Fig.4 - RDS(ON) — VGS
1
2
3
4
400
500
5
Gate to Source Voltage, VGS (V)
300
200
800
Pulsed
TA=25°C
Drain to Soruce Voltage, VDS (V)
Fig.1 - Output Characteristics
Gate to Source Voltage, VGS (V)
Fig.2 - Transfer Characteristics
VDS=5.0V
Pulsed
0
2
3
5
1
0
1.0
2.0
3.0
4
0.5
1.5
2.5
Pulsed
TA=25°C
VGS=1.5V
2.5V
3.5V
4.5V
5.5V
0
0.5
1.0
1.5
2.0
0
200
300
400
100
2.5
500
3.0
TA=100°C
TA=25°C
400
100
VGS=4.5V
VGS=2.5V
Pulsed
TA=25°C
ID=600mA
500
0.6
Pulsed
TA=25°C
ID=250μA
REV:A
QW-BTR44
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com