Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJM1206-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CJM1206-G
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJM1206-G Datasheet(HTML) 2 Page - Comchip Technology

  CJM1206-G Datasheet HTML 1Page - Comchip Technology CJM1206-G Datasheet HTML 2Page - Comchip Technology CJM1206-G Datasheet HTML 3Page - Comchip Technology CJM1206-G Datasheet HTML 4Page - Comchip Technology CJM1206-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min
Max
Unit
Drain-source breakdown voltage
45
VGS = 0V , ID = -250µA
Zero gate voltage drain current
Forward transconductance (note 1)
Reverse transfer capacitance (note 2,3)
Input capacitance (note 2,3)
Drain-source body diode characteristics
Turn-on delay time (note2,3)
Turn-off delay time (note2,3)
Rise time (note2,3)
Fall time(note2,3)
VDS = -8V , VGS = 0V
V
= -4.5V ,
GS
ID = -3.5A
VDS = -5V , ID = -4.1A
V(BR) DSS
IDSS
RDS(on)
gfs
Coss
Crss
td(on)
tr
td(off)
tf
-12
-1
6
5
11
22
16
V
mΩ
S
ciss
740
Page 2
REV:A
QW-BTR46
Comchip Technology CO., LTD.
MOSFET
Dynamic characteristics
V
= -2.5V ,
GS
ID = -3A
60
Output capacitance (note 2,3)
Typ
290
190
pF
Static characteristics
Electrical Characteristics (at TA=25°C unless otherwise noted)
Company reserves the right to improve product design , functions and reliability without notice.
Gate-source leakage current
VDS = 0V , VGS = ±8V
IGSS
±100
nA
Drain-source on-resistance (note 1)
µA
VDS = VGS , ID = -250µA
-0.9
V
-0.5
Gate
threshold voltage
-source
VGS(th)
VDS = -4V , VGS = 0V
f = 1MHZ
V
= -1.8V ,
GS
ID = -2.0A
90
30
40
60
9
Qgs
ID = -4.1A
V
= -4V ,
DS
= -2.5A
VGS
Total gate charge (note2)
Qg
15
nC
Gate-source charge (note2)
45
1.2
1.6
7.8
VDS = -4V , VGS = -4.5V,
ID = -4.1A,
Qgd
Gate-resistance (note2,3)
f = 1MHz
Rg
1.4
Ω
Gate-drain charge (note2)
14
7
20
VGEN = -4.5V , Rg = 1Ω
tr
RL = 1.2Ω , ID
≈ -3.3A
53
Trun-on delay time (note2,3)
td(on)
nS
Rise time (note2,3)
48
13
35
32
td(off)
Fall time (note2,3)
tf
Trun-off delay time (note2,3)
20
10
V
= -4V
DD
VGEN = -8V , Rg = 1Ω
RL = 1.2Ω , ID
≈ -3.3A
V
= -4V
DD
Continuous source-drain diode current
Body ciode voltage
Pulse diode forward current (note1)
Is
IsM
VSD
-6
-20
-1.2
A
V
IF = -3.3A
Note:
1.Pulse test; pulse width
≤300µs, Duty cycle≤2%
2. Guaranteed by design, not subject to production testing.
3. These parameters have no way to verify.
10
17
33
24
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com