Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-008322 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008322
Description  GaAs SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008322 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-008322 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SPDT Switch
DC - 20 GHz
Rev. V3
MASW-008322
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications5: TA = +25°C
6, Z0 = 50, V1,2 = -5/0V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
1 GHz
10 GHz
18 GHz
20 GHz
dB
—
—
—
—
0.4
1.0
1.5
1.9
0.55
—
—
2.5
Isolation
1 GHz
10 GHz
18 GHz
20 GHz
dB
50
—
—
39
52
48
43
40
—
—
—
—
VSWR
1 - 20 GHz
Ratio
—
2.0:1
—
Trise, Tfall
10% to 90% RF and 90% to 10% RF
ns
—
9
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
ns
—
12
257
Input P1dB
0.5 - 20 GHz, 0 to -5 V
dBm
—
30
—
IIP3
Two Tone, +5 dBm/Tone, 5 MHz Spacing, >50 MHz
0.5 - 20 GHz
dBm
—
48
—
Settling Time
50% Vctl to 0.1 dB of final value
µs
—
1
—
Control Current
(Complementary Logic)
VIN Low, -5 V
VIN High, 0 V
µA
—
—
3
—
50
20
5. All specifications apply with 50 Ω impedance connected to all RF ports, 0 and –5 VDC control voltages.
6. Loss changes 0.0025 dB/°C (from –55°C to +85°C).
7. Max switching speed guaranteed by design.
Truth Table 9
Control Inputs
Condition of Switch
V1
V2
RF1
RF2
High
Low
Off
On
Low
High
On
Off
9. Vlow = -5 V, Vhigh = 0 V
Sample Board
Absolute Maximum Ratings8
Parameter
Absolute Maximum
Control Voltage
-8.5 VDC
Input RF Power
+33 dBm
Operating Temperature
-40 to +85°C
Storage Temperature
-65°C to +150°C
8. Exceeding any one or combination of these limits may cause
permanent damage to this device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com