Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-009588-000000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009588-000000
Description  GaAs SP2T Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009588-000000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-009588-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009588-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009588-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009588-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009588-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SP2T Switch
DC - 4.0 GHz
Rev. V1
MASW-009588
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Off-Chip Component Values
Recommended PCB
Truth Table 6,7
V1
V2
RFC - RF1
RFC - RF2
+1.6 to 3.5 V
0 ± 0.2 V
On
Off
0 ± 0.2 V
+1.6 to 3.5 V
Off
On
5. Insertion Loss can be optimized by varying the DC Blocking Capacitor value, ie. 1000 pF for 100 - 500 MHz, 39 pF for 0.5 - 4.0 GHz
Electrical Specifications: TA = 25°C, VC = 2.6V, Z0 = 50 Ω
5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
1 GHz
2 GHz
3 GHz
4 GHz
dB
—
0.35
0.4
0.5
0.6
0.45
0.5
0.65
0.75
Isolation
1 GHz
2 GHz
3 GHz
4 GHz
dB
23
17
13
11
26
20
16
14
—
VSWR
DC - 4 GHz
dB
—
<1.3
—
IP3
Two Tone +10 dBm, 5 MHz Spacing, >500 MHz
PIN = 10 dBm VC = 0/2.6 V
dBm
—
55
—
P0.1dB
VC = 0V/2.6V
dBm
—
26
—
P1dB
VC = 0V/2.6V
dBm
—
32
—
2nd Harmonic
1 GHz, +16 dBm
dBc
—
83
—
3rd Harmonic
1 GHz, +16 dBm
dBc
—
93
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
15
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
ns
—
25
—
Transients
In Band
mV
—
30
—
Gate Leakage
|VC| = 2.6V
µA
—
0.2
5
6. External DC blocking capacitors are required on all RF ports
7. Minimum Control Voltage Delta of 1.6V required
Component
Value
Package
C1, C4
100 pF
0201
C2, C3, C5
39 pF
0201
R1, R2
0 Ω
0201



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com