Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3083 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TLP3083
Description  Photocouplers GaAs Infrared LED and Photo Triac
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3083 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TLP3083 Datasheet HTML 7Page - Toshiba Semiconductor TLP3083 Datasheet HTML 8Page - Toshiba Semiconductor TLP3083 Datasheet HTML 9Page - Toshiba Semiconductor TLP3083 Datasheet HTML 10Page - Toshiba Semiconductor TLP3083 Datasheet HTML 11Page - Toshiba Semiconductor TLP3083 Datasheet HTML 12Page - Toshiba Semiconductor TLP3083 Datasheet HTML 13Page - Toshiba Semiconductor TLP3083 Datasheet HTML 14Page - Toshiba Semiconductor TLP3083 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TLP3083,TLP3083F
11
Table
Table
Table
Table 16.1
16.1
16.1
16.1 Insulation Related Specifications (Note)
Insulation Related Specifications (Note)
Insulation Related Specifications (Note)
Insulation Related Specifications (Note)
Insulation Related Parameters
Minimum creepage distance
Minimum clearance
Minimum insulation thickness
Comparative tracking index
Symbol
Cr
Cl
ti
CTI
TLP3083
7.0 mm
7.0 mm
0.4 mm
175
TLP3083F
8.0 mm
8.0 mm
0.4 mm
175
Note:
If a printed circuit is incorporated, the creepage distance and clearance may be reduced below this value. (e.
g., at a standard distance between soldering eye centers of 7.5 mm). If this is not permissible, the user shall
take suitable measures.
Note:
This photocoupler is suitable for safe electrical isolation
safe electrical isolation
safe electrical isolation
safe electrical isolation only within the safety limit data.
Maintenance of the safety data shall be ensured by means of protective circuits.
Fig.
Fig.
Fig.
Fig. 16.2
16.2
16.2
16.2 Marking on packing
Marking on packing
Marking on packing
Marking on packing
for EN60747
for EN60747
for EN60747
for EN60747
Fig.
Fig.
Fig.
Fig. 16.3
16.3
16.3
16.3 Marking Example of TLP3083 (Note)
Marking Example of TLP3083 (Note)
Marking Example of TLP3083 (Note)
Marking Example of TLP3083 (Note)
Fig.
Fig.
Fig.
Fig. 16.4
16.4
16.4
16.4 Marking Example of TLP3083F (Note)
Marking Example of TLP3083F (Note)
Marking Example of TLP3083F (Note)
Marking Example of TLP3083F (Note)
Note:
The above marking is applied to the photocouplers that have been qualified according to option (D4) of EN60747.
2016-02-03
Rev.5.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com