Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC285 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC285
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC285 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC285 Datasheet HTML 1Page - Hittite Microwave Corporation HMC285 Datasheet HTML 2Page - Hittite Microwave Corporation HMC285 Datasheet HTML 3Page - Hittite Microwave Corporation HMC285 Datasheet HTML 4Page - Hittite Microwave Corporation HMC285 Datasheet HTML 5Page - Hittite Microwave Corporation HMC285 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
12 - 108
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC285
v00.0700
General Description
Features
Functional Diagram
No External Components Required
LO / RF Isolation: 30 dB
Input IP3: +20 dBm
Ultra Small SOT26 Package
Electrical Specifications, T
A = +25° C, As a Function of IF Frequency
Typical Applications
The HMC285 is ideal for:
• PCS
• W-CDMA
• 2.4 GHz ISM
• MMDS
The HMC285 is an ultra miniature single bal-
anced mixer in an 6 lead plastic surface mount
SOT26 package. This passive MMIC mixer is con-
structed of GaAs Schottky diodes and a novel
planar transformer balun on the chip. The RF port
is balanced via the MMIC balun while the LO
port is connected directly to the diodes. The con-
sistent MMIC performance will improve system
operation without the need for external compo-
nents. The SOT26 package is the smallest foot-
print available for a complete single-balanced
mixer, 0.118” x 0.118” (3.0mm x 3.0mm).
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3.5 GHz
Parameter
LO = +10 dBm
IF = 100 MHz
LO = +10 dBm
IF = 400 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
2 - 3.5
1.7 - 2.8
GHz
Frequency Range, IF
DC - 0.9
DC - 0.9
GHz
Conversion Loss
9
11
9.5
11.5
dB
Noise Figure (SSB)
9
11
9.5
11.5
dB
LO to RF Isolation
20
30
25
35
dB
LO to IF Isolation
11
20
14
20
dB
IP3 (Input)
17
21
16
20
dBm
1 dB Compression (Input)
7
11
6
10
dBm


Similar Part No. - HMC285

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285 Datasheet
186Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results

Similar Description - HMC285

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com