Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D459-R1LD-G2 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # D459-R1LD-G2
Description  Miniature Snap Switch Single Pole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

D459-R1LD-G2 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  D459-R1LD-G2 Datasheet HTML 1Page - Cherry Semiconductor Corporation D459-R1LD-G2 Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2016-02-09, Specifications subject to change without notice.
Miniature Snap Switch
Single Pole
D4 Series
Features
Choice of standard or light operating force
Long life coil spring mechanism
RoHS compliant
Cadmium free
Various aux actuators
Various terminal types
Agency approved extended life versions available
Standard Parts
1
D413-R1AA-G2
D429-R1TD-G2
D433-R1AA-G2
D443-R1LD-G2
D449-R1LL-G2
D453-R1RA-G2
D413-R1LA-G2
D429-R1AA-G2
D433-R1LD-G2
D443-R1MD-G2
D449-R1MD-G2
D453-R1RD-G2
D413-R1LD-G2
D429-R1LD-G2
D433-R1RA-G2
D443-R1RA-G2
D449-R1ML-G2
D459-R1AA-G2
D413-R1RA-G2
D429-R1LL-G2
D433-R1RD-G2
D443-R1RD-G2
D449-R1RA-G2
D459-R1LD-G2
D419-R1AA-G2
D429-R1MD-G2
D439-R1LL-G2
D449-R1AA-G2
D449-R1RD-G2
D459-R1LL-G2
D423-R1RA-G2
D429-R1ML-G2
D439-V1ML-G2
D449-R1LD-G2
D453-B8AA-G2
D459-R1ML-G2
D423-R1RD-G2
D443-R1AA-G2
D453-R1AA-G2
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or your distributor.
For information on crossing discontinued U.S. only part numbers, see D4 cross-reference chart at www.cherryswitches.com.
Part Number Breakdown
D413-R1AA-G2 (most part numbers end in –G2; see D4 cross-reference chart for exceptions)
Series
Contact Rating
2
Configuration
3
D4
1
0.1 A
85
OC
125
OC
150
OC
2
3 A
1
SPST – NO
Standard
Op.
Force
“Y”
G
SPST – NO
S
SPST – NO
Light
Op.
Force
3
5 A
2
SPST – NC
H
SPST – NC
T
SPST – NC
4
10 A
3
SPDT
M
SPDT
U
SPDT
5
15 A
7
SPST – NO
Light Op.
Force
“X”
N
SPST – NO
8
21 A
8
SPST – NC
P
SPST – NC
9
SPDT
R
SPDT
2UL AC current rating; see table on reverse for complete details
3D48 only available with light operating force
Terminal Type mm (inches)
A1
Welding
R1
4.8 x 0.5 (0.187 x 0.020) QC, straight**
B8
Short solder
R3
4.8 x 0.5 (0.187 x 0.020) QC, dog leg**
P4
1.2 x 0.5 (0.047 x 0.020) PCB, underside*
S1
Solder with temp stop
P5
1.2 x 0.5 (0.047 x 0.020) PCB, rear*
V1
6.3 x 0.8 (0.250 x 0.032) QC, straight
PA
1.2 x 0.5 (0.047 x 0.020) PCB, housing side*
V3
6.3 x 0.8 (0.250 x 0.032) QC, dog leg
PB
1.2 x 0.5 (0.047 x 0.020) PCB, cover side*
W9
Screw*
Q1
4.8 x 0.8 (0.187 x 0.032) QC, straight*
X5
1.5 x 0.8 (0.059 x 0.032) QC, 2.5 mm grid
Q3
4.8 x 0.8 (0.187 x 0.032) QC, dog leg*
Y5
6.3 x 0.8 (0.250 x 0.032) QC, 5 mm grid
*not available for D48
**not available for D45 or D48
For actuator details, see D4 actuator reference sheet at www.cherryswitches.com
Actuator Type mm (inches)
Actuation length
Actuation length
AA
Button
N/A
MA
Lever, high ratio
25.7 (1.01)
JA
SS lever, standard ratio
21.2 (0.835)
MD
Lever, standard ratio
40.1 (1.58)
JD
SS lever, standard ratio
35.6 (1.4)
ML
Lever, high ratio
74.4 (2.93)
JL
SS lever, standard ratio
69.9 (2.75)
RA
Roller, standard ratio
20.6 (0.811)
KA
SS lever, high ratio
25.7 (1.01)
RD
Roller, standard ratio
34.1 (1.34)
KD
SS lever, high ratio
40.1 (1.58)
SA
Roller, simulated, rear mount
20.6 (0.811)
KL
SS lever, high ratio
74.4 (2.93)
TA
Roller, high ratio
25.1 (0.988)
LA
Lever, standard ratio
21.2 (0.835)
TD
Roller, high ratio
38.6 (1.52)
LD
Lever, standard ratio
35.6 (1.4)
UA
Roller, simulated, front mount
25.1 (0.988)
LL
Lever, standard ratio
69.9 (2.75)


Similar Part No. - D459-R1LD-G2

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
D459-R1LD-G2 ZFSWITCHES-D459-R1LD-G2 Datasheet
306Kb / 2P
Single and Double Pole
More results

Similar Description - D459-R1LD-G2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DA101J12S215QF ITT-DA101J12S215QF Datasheet
193Kb / 5P
Miniature Single Pole Rocker Switches
logo
Cynergy3 Co
RSF50 CYNERGY3-RSF50 Datasheet
416Kb / 1P
miniature single switch
logo
C&K Components
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
Miniature Single Pole Rocker Switches
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
logo
Cherry Semiconductor Co...
SRB22A2FBBNN CHERRY-SRB22A2FBBNN Datasheet
563Kb / 2P
Single-Pole Rocker Switch
CRE22F2BBALE CHERRY-CRE22F2BBALE Datasheet
246Kb / 2P
Rocker Switch Single Pole
E13-00E0 CHERRY-E13-00E0 Datasheet
361Kb / 3P
Snap Action Switch Single Pole General Purpose
PRK22J5BBBNN CHERRY-PRK22J5BBBNN Datasheet
240Kb / 2P
Rocker Switch Single Pole
SRJ22A3BBBNN CHERRY-SRJ22A3BBBNN Datasheet
235Kb / 2P
Rocker Switch Single Pole
logo
C&K Components
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
Miniature Single Pole Rocker Switches
15 May 20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com