Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

96L02 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 96L02
Description  Dual Retriggerable Resettable Monostable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

96L02 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  96L02 Datasheet HTML 1Page - National Semiconductor (TI) 96L02 Datasheet HTML 2Page - National Semiconductor (TI) 96L02 Datasheet HTML 3Page - National Semiconductor (TI) 96L02 Datasheet HTML 4Page - National Semiconductor (TI) 96L02 Datasheet HTML 5Page - National Semiconductor (TI) 96L02 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Conditions
96L02 (Mil)
DM96L02 (Com)
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
07
V
IOH
High Level Output Current
036
036
mA
IOL
Low Level Output Current
48
48
mA
TA
Free Air Operating
b
55
125
0
70
C
Temperature
tw (L)
Minimum Input Pulse
VCC e 50V
50
ns
tw (H)
Width I1 I0
tw (min)
Minimum Output Pulse
VCC e 50V
Width at Q Q
RX e 20 kX
10
300
110
ns
CX e 0
CL e 15 pF
tw
Output Pulse Width Q Q
VCC e 50V
RX e 39 kX
115
142
124
152
m
s
CX e 1000 pF
RX
Timing Resistor Range
100
220
kX
Electrical Characteristics over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb10 mA
b
15
V
VOH
High Level Output Voltage
VCC e Min IOH e Max
24
V
VIL e Max VIH e Min
VOL
Low Level Output Voltage
VCC e Min IOL e Max
03
V
VIL e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
20
m
A
IIL
Low Level Input Current
VCC e Max VI e 03V
b
04
mA
IOS
Short Circuit Output Current
VCC e Max (Note 2) VO e 10V
b
20
b
130
mA
ICC
Supply Current
VCC e Max (Note 3)
16
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
ICC is measured with all outputs open and all inputs grounded
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com