Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC294 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC294
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC294 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC294 Datasheet HTML 1Page - Hittite Microwave Corporation HMC294 Datasheet HTML 2Page - Hittite Microwave Corporation HMC294 Datasheet HTML 3Page - Hittite Microwave Corporation HMC294 Datasheet HTML 4Page - Hittite Microwave Corporation HMC294 Datasheet HTML 5Page - Hittite Microwave Corporation HMC294 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
5 - 76
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
HMC294
v01.0300
General Description
Features
Functional Diagram
Input IP3: +20 dBm
LO / RF Isolation: 27 dB
Passive: No DC Bias Required
Small Size: 0.88 mm x 1.93 mm
Electrical Specifications, T
A = +25° C, LO Drive = +14 dBm
Typical Applications
The HMC294 is ideal for:
• Microwave Pt to Pt Radios
• LMDS
• SATCOM
The HMC294 chip is a miniature passive GaAs
MMIC double-balanced mixer which can be used
as an upconverter or downconverter from 25 - 40
GHz in a small chip area of 1.70 mm2. Excellent
isolations are provided by on-chip baluns, which
require no external components and no DC bias.
All data is measured with the chip in a 50 ohm
test fixture connected via 0.076 mm (3 mil) gold
ribbon of minimal length <0.31 mm (<12 mils).
GaAs MMIC DOUBLE-BALANCED
MIXER, 25 - 40 GHz
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
25 - 40
GHz
Frequency Range, IF
DC - 2
GHz
Conversion Loss
10
13
dB
Noise Figure (SSB)
10
13
dB
LO to RF Isolation
22
27
dB
LO to IF Isolation
31
38
dB
RF to IF Isolation
27
33
dB
IP3 (Input)
15
20
dBm
IP2 (Input)
24
35
dBm
1 dB Gain Compression (Input)
9
12
dBm


Similar Part No. - HMC294

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC294 HITTITE-HMC294 Datasheet
223Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC294 HITTITE-HMC294_00 Datasheet
223Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC294 HITTITE-HMC294_10 Datasheet
216Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
More results

Similar Description - HMC294

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3 Datasheet
282Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC329 HITTITE-HMC329_07 Datasheet
206Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_00 Datasheet
223Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_10 Datasheet
216Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com