Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC296MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC296MS8
Description  LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC296MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC296MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
12 - 124
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
MxN Spurious Outputs
Harmonics of LO
10
15
20
25
30
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
FREQUENCY (GHz)
+3 dBm
+7 dBm
+11 dBm
Input IP3 vs. LO Drive *
2
4
6
8
10
12
14
16
1.1
1.2
1.3
1.4
1.5
1.6
1.7
FREQUENCY (GHz)
3 dBm
11 dBm
7 dBm
P1dB vs. LO Level, Vgg = -1.5 V
LOW LO DRIVE DOUBLE-BALANCED
FET MIXER, 1.1 - 1.7 GHz
HMC296MS8
v02.1201
10
15
20
25
30
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
FREQUENCY (GHz)
-40C
+85C
+25C
35
40
45
50
55
60
65
70
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
FREQUENCY (GHz)
-40C
+85C
+25C
Input IP3 vs.
Temperature @ LO = 11 dBm*
Input IP2 vs.
Temperature @ LO = +11 dBm*
* Two-tone input power = 0 dBm each tone, 1 MHz spacing.
nLO
mRF
01234
0
xx
-35
0
29
18
1
17
0
33
14
34
2
4867475551
3
7976708972
4
>105
>106
>102
99
92
RF = 1.47 GHz @ -10 dBm
LO = 1.4 GHz @ 11 dBm, Vgg= -1.5V
All values in dBc relative to the IF
nLO Spur at RF Port
LO Frequency
(GHz)
12
3
4
141
27
47
45
1.2
27
25
41
47
1.4
30
22
42
44
1.6
29
23
54
52
1.8
36
29
57
57
227
29
60
59
LO = 11 dBm, Vgg= -1.5V
Values in dBc below input LO level measured at the RF port.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com