Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC308 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC308
Description  GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC308 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC308 Datasheet HTML 1Page - Hittite Microwave Corporation HMC308 Datasheet HTML 2Page - Hittite Microwave Corporation HMC308 Datasheet HTML 3Page - Hittite Microwave Corporation HMC308 Datasheet HTML 4Page - Hittite Microwave Corporation HMC308 Datasheet HTML 5Page - Hittite Microwave Corporation HMC308 Datasheet HTML 6Page - Hittite Microwave Corporation HMC308 Datasheet HTML 7Page - Hittite Microwave Corporation HMC308 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MICROWAVE CORPORATION
8 - 43
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
S11
S21
S22
FREQUENCY (GHz)
4
6
8
10
12
14
16
18
20
22
24
0.5
1
1.5
2
2.5
3
3.5
4
Vdd=+5V
Vdd=+3V
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
0.5
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
0.5
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
4
S11 Vdd=+5V
S22 Vdd=+5V
S11 Vdd=+3V
S22 Vdd=+3V
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
3
3.5
4
Vdd=+5V
Vdd=+3V
FREQUENCY (GHz)
HMC308
Gain vs. Temperature @ Vdd = +5V
Gain vs. Temperature @ Vdd = +3V
P1dB vs. Vdd Bias
Reverse Isolation vs. Vdd Bias
Broadband Gain
& Return Loss @ Vdd = +5V
Input & Output
Return Loss vs. Vdd Bias
GENERAL PURPOSE 100 mW GaAs
MMIC AMPLIFIER, 0.8 - 3.8 GHz
v03.1103



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com