Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD85302L Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD85302L
Description  20 V Dual N-Channel NexFET Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD85302L Datasheet(HTML) 5 Page - Texas Instruments

  CSD85302L Datasheet HTML 1Page - Texas Instruments CSD85302L Datasheet HTML 2Page - Texas Instruments CSD85302L Datasheet HTML 3Page - Texas Instruments CSD85302L Datasheet HTML 4Page - Texas Instruments CSD85302L Datasheet HTML 5Page - Texas Instruments CSD85302L Datasheet HTML 6Page - Texas Instruments CSD85302L Datasheet HTML 7Page - Texas Instruments CSD85302L Datasheet HTML 8Page - Texas Instruments CSD85302L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D008
VGS = 2.5 V
VGS = 6.5 V
VS1S2 - Source-to-Source Voltage (V)
0.01
0.1
1
10
100
0.01
0.1
1
10
100
D009
DC
10 s
1 s
100 ms
10 ms
1 ms
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D006
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
6
12
18
24
30
36
42
48
54
60
D007
TC = 25°C, I S = 2 A
TC = 125°C, I S = 2 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
D004
VS1S2 - Source-to-Source Voltage (V)
0
4
8
12
16
20
10
100
1000
10000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
CSD85302L
www.ti.com
SLPS561 – NOVEMBER 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
IS = 2 A
VS1S2 = 6 V
Figure 4. Gate Charge
Figure 5. Capacitance
IS = 250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Source-to-Source Resistance vs
Gate-to-Source Voltage
IS = 2 A
Single pulse, max RθJA = 90°C/W
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Maximum Safe Operating Area
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD85302L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com