Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38513 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP38513 Datasheet HTML 11Page - Texas Instruments LP38513 Datasheet HTML 12Page - Texas Instruments LP38513 Datasheet HTML 13Page - Texas Instruments LP38513 Datasheet HTML 14Page - Texas Instruments LP38513 Datasheet HTML 15Page - Texas Instruments LP38513 Datasheet HTML 16Page - Texas Instruments LP38513 Datasheet HTML 17Page - Texas Instruments LP38513 Datasheet HTML 18Page - Texas Instruments LP38513 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LP38513
www.ti.com
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
The maximum allowable junction temperature (TJ(MAX)) determines maximum power dissipation allowed (PD(MAX))
for the device package.
Power dissipation and junction temperature are most often related by the junction-to-ambient thermal resistance
(RθJA) of the combined PCB and device package and the temperature of the ambient air (TA), according to
Equation 5 or Equation 6:
TJ(MAX) = TA(MAX) + (RθJA × PD(MAX))
(5)
PD(MAX) = (TJ(MAX) - TA(MAX)) / RθJA
(6)
Unfortunately, this RθJA is highly dependent on the heat-spreading capability of the particular PCB design, and
therefore varies according to the total copper area, copper weight, and location of the planes. The RθJA recorded
in Thermal Information is determined by the specific EIA/JEDEC JESD51-7 standard for PCB and copper-
spreading area, and is to be used only as a relative measure of package thermal performance. For a well-
designed thermal layout, RθJA is actually the sum of the package junction-to-case (bottom) thermal resistance
(RθJCbot) plus the thermal resistance contribution by the PCB copper area acting as a heat sink.
8.2.2.4 Estimating Junction Temperature
The EIA/JEDEC standard recommends the use of psi (
Ψ) thermal characteristics to estimate the junction
temperatures of surface mount devices on a typical PCB board application. These characteristics are not true
thermal resistance values, but rather package specific thermal characteristics that offer practical and relative
means of estimating junction temperatures. These psi metrics are determined to be significantly independent of
copper-spreading area. The key thermal characteristics (
ΨJT and ΨJB) are given in Thermal Information and are
used in accordance with Equation 7 or Equation 8.
TJ(MAX) = TTOP + (ΨJT × PD(MAX))
where
PD(MAX) is explained in Equation 4.
TTOP is the temperature measured at the center-top of the device package.
(7)
TJ(MAX) = TBOARD + (ΨJB × PD(MAX))
where
PD(MAX) is explained in Equation 4.
TBOARD is the PCB surface temperature measured 1-mm from the device package and centered on the
package edge.
(8)
For more information about the thermal characteristics
ΨJT and ΨJB, see the TI Application Report:
Semiconductor and IC Package Thermal Metrics (SPRA953), available for download at www.ti.com.
For more information about measuring TTOP and TBOARD, see the TI Application Report: Using New Thermal
Metrics (SBVA025), available for download at www.ti.com.
For more information about the EIA/JEDEC JESD51 PCB used for validating RθJA, see the TI Application Report:
Thermal Characteristics of Linear and Logic Packages Using JEDEC PCB Designs (SZZA017), available for
download at www.ti.com.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com