Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C10810 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C10810
Description  1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10810 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C10810 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS9014A
02/23/11
PI6C10810
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
Switching Waveforms
Propagation Delay
Package Skew – tSK(T)
Pulse Skew – tSK(P)
Output Skew – tSK(O)
Input
tPLHx
VDD
VDD/2
0V
CLKx
VOH
VDD/2
VOL
tPHLx
tSK(O)
CLKy
VOH
VDD/2
VOL
tSK(O)
tPLHy
tPHLy
tSK(O) = | tPLHy - tPLHx | or | tPHLy - tPHLx |
Input
tPLH1
VDD
VDD/2
0V
Part #1
Output
VOH
VDD/2
VOL
tPHL1
tSK(T)
Part #2
Output
VOH
VDD/2
VOL
tSK(T)
tPLH2
tPHL2
tSK(T) = | tPLH2 - tPLH1 | or | tPHL2 - tPHL1 |
Input
tPLH
VIH
VDD/2
VIL
Output
VOH
VDD/2
VOL
tPHL
tR
tF
Input
tPLH
VDD
VDD/2
0V
Output
VOH
VDD/2
VOL
tPHL
tSK(P) = | tPLH - tPLH |
11-0015



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com