Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C20800B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C20800B
Description  PCI Express 3.0 1:8 HCSL Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20800B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C20800B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C20800B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20800B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20800B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20800B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20800B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20800B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20800B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20800B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.pericom.com
P-0.1
04/27/11
PI6C20800B
PCI Express® 3.0 1:8 HCSL Clock Buffer
Serial Data Interface (SMBus)
PI6C20800B is a slave only SMBus device that supports indexed block read and indexed block write protocol using a single 7-bit address
and read/write bit as shown below.
Address assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
1
1
0
0/1
Data Write Protocol(1)
1 bit 7 bits
1
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start
bit
Slave Addr
W
Ack
Register
offset
Ack Byte Count
= N
Ack
Data
Byte
Offset
Ack
Data
Byte N
- 1
Ack
Stop bit
Pinout Table
Pin Name
Type
Pin #
Descriptions
SRC_DIV#
Input
1
3.3V LVTTL input for selecting input frequency divide by 2, active
LOW.
SRC & SRC#
Input
4, 5
0.7V Differential SRC input from PI6C410 clock synthesizer
OE [0:7]
Input
6, 7, 14, 15, 35, 36,
43, 44
3.3V LVTTL input for enabling outputs, active HIGH.
OE_INV
Input
40
3.3V LVTTL input for inverting the OE, SRC_STOP# and
PWRDWN# pins.
When 0 = same stage
When 1 = OE[0:7], SRC_STOP#, PWRDWN# inverted.
OUT[0:7] & OUT[0:7]#
Output
8, 9, 12, 13, 16 17, 20,
21, 29, 30, 33, 34, 37,
38, 41, 42
0.7V Differential outputs
PLL/BYPASS#
Input
22
3.3V LVTTL input for selecting fan-out of PLL operation.
SCLK
Input
23
SMBus compatible SCLOCK input
SDA
I/O
24
SMBus compatible SDATA
I
REF
Input
46
External resistor connection to set the differential output current
SRC_STOP#
Input
27
3.3V LVTTL input for SRC stop, active LOW
PLL_BW#
Input
28
3.3V LVTTL input for selecting the PLL bandwidth
PWRDWN#
Input
26
3.3V LVTTL input for Power Down operation, active LOW
LOCK
Output
45
3.3V LVTTL output, transition high when PLL lock is achieved
(Latched output)
V
DD
Power
2, 11, 19, 31, 39
3.3V Power Supply for Outputs
V
SS
Ground 3, 10, 18, 25, 32
Ground for Outputs
V
SS_A
Ground 47
Ground for PLL
V
DD_A
Power
48
3.3V Power Supply for PLL
Note:
1.
Register offset for indicating the starting register for indexed block write and indexed block read. Byte Count in write mode cannot be 0.
11-0049



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com