Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49003AE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C49003AE
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003AE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C49003AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49003AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49003AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49003AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003AE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PS9023A
11/20/09
PI6C49003
Networking Clock Generator
Pin Description
Pin #
Pin Name
Pin Type
Pin Description
1VDD
Power
3.3V Supply Pin
2
IREF
Output
Connect to 475-Ohm resistor to set HCSL output drive current
3
NC
No connect. Leave open
4
NC
No connect. Leave open
5VDD
Power
3.3V Supply Pin
6VDD
Power
3.3V Supply Pin
7
GND
Power
Ground
8
GND
Power
Ground
9VDD
Power
3.3V Supply Pin
10
GND
Power
Ground
11
VDD
Power
3.3V Supply Pin
12
SCLK
Input
SMBus compatible input clock. Supports fast mode 400kHz input clock.
13
SDATA
I/O
SMBus compatible data line
14
GND
Power
Ground
15
50M_Out1
Output
50MHz LVCMOS output. When disabled, output is trisated and has a nominal 110k-
Ohm pull-down.
16
50M_Out2
Output
50MHz LVCMOS output. When disabled, output is trisated and has a nominal 110k-
Ohm pull-down.
17
VDD
Power
3.3V Supply Pin
18
GND
Power
Ground
19
VDD
Power
3.3V Supply Pin
20
32.256M_Out1
Output
32.256MHz LVCMOS output. When disabled, output is trisated and has a nominal
110k-Ohm pull-down.
21
GND
Power
Ground
22
NC
23
NC
24
PD_RESET
Input
Power down reset - when low all PLL's are powered down and outputs tristated.
SMBus registers are reset to default values.
25
X1
Input
Crystal input. Integrated 6pF capacitance
26
X2
Output
Crystal output. Integrated 6pF capacitance
27
VDD
Power
3.3V Supply Pin
28
GND
Power
Ground
29
VDD
Power
3.3V Supply Pin
30
33/66/133M_Out1
Output
33/66/133MHz selectable LVCMOS output. When disabled, output is trisated and has
a nominal 110k-Ohm pull-down.
31
100M_Q4-
Output
100MHz HCSL output
32
100M_Q4+
Output
100MHz HCSL output
33
VDD
Power
3.3V Supply Pin
34
GND
Power
Ground
35
VDD
Power
3.3V Supply Pin
(Continued)
09-0097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com