Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49006 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C49006
Description  Embedded Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C49006 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
OutB_1 Frequency Margining Table
FM3 FM2 FM1 FM0 OutB_(2~3)
0
0
0
0
nominal
0
0
0
1
nominal + 1%
0
0
1
0
nominal + 2%
0
0
1
1
nominal + 3%
0
1
0
0
nominal + 4%
0
1
0
1
nominal + 5%
0
1
1
0
nominal + 6%
0
1
1
1
nominal + 8%
1
0
0
0
nominal + 10%
1
0
0
1
nominal - 1%
1
0
1
0
nominal - 2%
1
0
1
1
nominal - 3%
1
1
0
0
nominal - 4%
1
1
0
1
nominal - 6%
1
1
1
0
nominal - 8%
1
1
1
1
nominal - 10%
12-0212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com