Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49006AE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6C49006AE
Description  Embedded Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006AE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6C49006AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
C1
18pF
Crystal�(C
L�=�18pF)
C2
18pF
XTAL_IN
XTAL_OUT
SaRonix-eCera
CG2500003
Application Notes
Crystal circuit connection
The following diagram shows PI6C49006 crystal circuit connection with a parallel crystal. For the CL=18pF
crystal, it is suggested to use C1= 18pF, C2= 18pF. C1 and C2 can be adjusted to fine tune to the target ppm of
crystal oscillator according to different board layouts.
Crystal Oscillator Circuit
Recommended Crystal Specification
Pericom recommends:
a) GC2500003 XTAL 49S/SMD(4.0 mm), 25M, CL=18pF, +/-30ppm, http://www.pericom.com/pdf/datasheets/se/GC_GF.pdf
b) FY2500081, SMD 5x3.2(4P), 25M, CL=18pF, +/-30ppm, http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
c) FL2500047, SMD 3.2x2.5(4P), 25M, CL=18pF, +/-20ppm, http://www.pericom.com/pdf/datasheets/se/FL.pdf
12-0212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com