Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49019 Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

Part # PI6C49019
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49019 Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

Back Button PI6C49019 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
www.pericom.com
PI6C49019
Rev. B
06/25/13
PI6C49019
Low Power Networking Clock Generator
PCI-Express Layout Guidelines
Common Recommendations for Differential Routing
Dimension or Value
Unit
Figure
Notes
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
1,2
L2 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
1,2
L3 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
1,2
R
S
33
ohm
1,2
Down Device Differential Routing
Dimension or Value
Unit
Figure
Notes
L4 length, Route as coupled microstrip 100 ohm differential
trace.
2 min to 16 max
inch
1
L4 length, Route as coupled stripline 100 ohm differential
trace.
1.8 min to 14.4 max
inch
1
L1
L1’
L2’
L2
L4
L4’
Rs
Rs
Output
Buffer
PCI Express Board
Down Device
REF_CLK Input
L1
L1’
L2’
L2
L4
L4’
Rs
Rs
Output
Buffer
PCI-Express
Add-in Board
REF_CLK Input
Figure 2: PCI-Express Connector Routing
Figure 1: Down Device Routing
13-0103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com