Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A27 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A27
Description  Cascadable Amplifier 10 to 1500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A27 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A27 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A27 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A27 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
10 to 1500 MHz
Rev. V3
A27 / SMA27
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-1600
10-1500
10-1500
Small Signal Gain (min)
dB
8.5
7.5
7.0
Gain Flatness (max)
dB
±0.2
±0.6
±1.0
Reverse Isolation
dB
15
Noise Figure (max)
dB
7.5
9.0
9.5
Power Output
@ 1 dB comp. (min)
dBm
15.5
14.0
13.5
IP3
dBm
+28
IP2
dBm
+46
Second Order Harmonic IP
dBm
+50
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
50
54
57
Features
 HIGH OUTPUT LEVEL: +15.5 dBm (TYP.)
 HIGH THIRD ORDER IP: +28 dBm (TYP.)
 WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS
Description
The A27 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range.
Both TO-8 and Surface Mount packages are
hermetically sealed, and MIL-STD-883 environmental screening
is available
.
Product Image
Ordering Information
Part Number
Package
A27
TO-8
SMA27
Surface Mount
CA27
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.435 W
Junction Temperature Rise
Above Case Tjc
+20ºC
* Over temperature performance limits for part number CA27, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A27

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A27 DBLECTRO-A27 Datasheet
269Kb / 1P
SCSI - III D - SUB IDC (FEMALE)
logo
Tyco Electronics
A27 MACOM-A27 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A27 MA-COM-A27 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
List of Unclassifed Man...
A27 ETC2-A27 Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A27 NKK-A27 Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
More results

Similar Description - A27

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A28 MACOM-A28 Datasheet
107Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
A29-1 MACOM-A29-1 Datasheet
112Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
RA26 MACOM-RA26 Datasheet
324Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A27 MACOM-A27 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A28 MACOM-A28_1 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA26 MA-COM-SMA26 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA27 MA-COM-SMA27 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA29-1 MA-COM-SMA29-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
A28 MA-COM-A28 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 1500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com