Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A32
Description  Cascadable Amplifier 100 to 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A32 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A32 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A32 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A32 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
100 to 2000 MHz
Rev. V4
A32 / SMA32
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
10-2000
10-2000
10-2000
Small Signal Gain (min)
dB
10.0
9.0
8.5
Gain Flatness (max)
dB
±3.0
±0.7
±1.0
Reverse Isolation
dB
20
Noise Figure (max)
dB
3.5
4.0
4.5
Power Output
@ 1 dB comp. (min)
dBm
21.0
19.0
18.0
IP3
dBm
+32
IP2
dBm
+38
Second Order Harmonic IP
dBm
+40
VSWR Input / Output (max)
1.8:1 / 1.8:1
2.1:1 / 2.1:1
2.3:1 / 2.3:1
DC Current @ 15 Volts (max)
mA
94
98
100
Features
 LOW NOISE FIGURE: 3.5 dB (TYP.)
 HIGH THIRD ORDER IP: +32 dBm (TYP.)
 HIGH OUTPUT LEVEL: +21 dBm (TYP.)
 LOW VSWR: 1.8:1 (TYP.)
Description
The A32 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range. An RF choke is used for DC power supply
decoupling.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A32
TO-8
SMA32
Surface Mount
CA32
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
182ºC/W
Transistor Power Dissipation Pd
0.288 W
Junction Temperature Rise
Above Case Tjc
+52ºC
* Over temperature performance limits for part number CA32, guaranteed from 0oC to +50oC only.


Similar Part No. - A32

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A32 DBLECTRO-A32 Datasheet
328Kb / 1P
HALF PITCH IDC SOCKET
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
368Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A32 MA-COM-A32 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
Tyco Electronics
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
More results

Similar Description - A32

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MACOM-A32_1 Datasheet
368Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA32-1 MA-COM-SMA32-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MA-COM-RA36 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com