Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDQC5V0USP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDQC5V0USP-HF
Description  SMD Low Capacitance ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQC5V0USP-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDQC5V0USP-HF Datasheet HTML 1Page - Comchip Technology CPDQC5V0USP-HF Datasheet HTML 2Page - Comchip Technology CPDQC5V0USP-HF Datasheet HTML 3Page - Comchip Technology CPDQC5V0USP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDQC5V0USP-HF
SMD Low Capacitance ESD Protection Diode
Page 1
QW-G7063
REV:B
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
Mechanical data
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Terminals: Matte tin plated, solderable per
MIL-STD-750, method 2026.
- Marking Code: Cathode band & 5S
- Mounting position: Any.
- Weight: 0.001 gram(approx.).
Company reserves the right to improve product design , functions and reliability without notice.
Features
- Uni-directional ESD protection.
- Surface mount package.
- Low capacitance.
- High component density.
- Low Leakage current.
- IEC61000-4-2 Level 4 ESD protection.
Circuit diagram
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.012(0.30)
0.008(0.20)
0.018(0.45)
0.001(0.02)
Max.
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
50
Operation temperature range
Tj
°C
Storage temperature range
TSTG
-55~+150
°C
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
-55~+150
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Diode breakdown voltage
VBR
V
IT = 1mA
5.4
Reverse current
IR
uA
VRWM = 5V
1.0
Clamping voltage
VC
V
13
IPP = 1A, TP = 8/20us
IPP = 2.5A, TP = 8/20us
20
V
Working peak reverse voltage
VRWM
5
Peak pulse current
IPP
A
TP = 8/20us
2.5
TP = 8/20us
±15
Junction capacitance
0.9
CJ
pF
VR = 0V, f = 1MHz
Electrical Characteristics (at TA=25°C unless otherwise noted)
Forward voltage
VF
V
IF = 10mA
1.5
0.6
±8
0.1


Similar Part No. - CPDQC5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQC5V0USP-IPHF COMCHIP-CPDQC5V0USP-IPHF Datasheet
106Kb / 4P
Low Capacitance ESD Protection Diode
More results

Similar Description - CPDQC5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQ5V0USP-HF COMCHIP-CPDQ5V0USP-HF Datasheet
80Kb / 5P
Ultra Low Capacitance SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF Datasheet
558Kb / 3P
Supper Low Capacitance SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF_15 Datasheet
558Kb / 3P
Supper Low Capacitance SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF_15 Datasheet
91Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF_15 Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDT-5V0USP-HF COMCHIP-CPDT-5V0USP-HF Datasheet
124Kb / 4P
Low Capacitance SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com