Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC337 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC337
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC337 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC337 Datasheet HTML 1Page - Hittite Microwave Corporation HMC337 Datasheet HTML 2Page - Hittite Microwave Corporation HMC337 Datasheet HTML 3Page - Hittite Microwave Corporation HMC337 Datasheet HTML 4Page - Hittite Microwave Corporation HMC337 Datasheet HTML 5Page - Hittite Microwave Corporation HMC337 Datasheet HTML 6Page - Hittite Microwave Corporation HMC337 Datasheet HTML 7Page - Hittite Microwave Corporation HMC337 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MICROWAVE CORPORATION
5 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
-20
-16
-12
-8
-4
0
16
17
18
19
20
21
22
23
24
25
26
Vdd=3V
Vdd=4V
FREQUENCY (GHz)
MxN Spurious @ IF Port, Vdd = +4V
Upconverter Performance
Conversion Gain, LO = -5 dBm Vdd = +4V
Absolute Maximum Ratings
HMC337
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 17 - 25 GHz
v01.0803
-20
-16
-12
-8
-4
0
0
0.5
1
1.5
2
2.5
3
3.5
4
Vdd=3V
Vdd=4V
FREQUENCY (GHz)
IF Bandwidth @ LO = -5 dBm
MXN Spurious @ RF Port, Vdd = +4V
RF / IF Input (Vdd = +5V)
+13 dBm
LO Drive (Vdd = +5V)
+13 dBm
Vdd
5.5V
Continuous Pdiss (Ta = 85 °C)
(derate 2.64 mW/°C above 85 °C)
238 mW
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
nLO
mRF
±5
±4
±3
±2
±1
0
-3
-2
61
-1
59
31
52
023
34
-5
1
X
47
19
2
49487960
388
71
95
RF = 22 GHz @ -10 dBm
LO = 10.5 GHz @ -5 dBm
All values in dBc below IF power level.
Measured as downconverter.
nLO
mIF
±5
±4
±3
±2
±1
0
-3
56
86
48
102
-2
65
25
59
53
-1
33
X
48
0
-10
16
-9
1
37X43
17
230
50
40
61
377
57
80
66
IF = 1 GHz @ -10 dBm
LO = 10.5 GHz @ -5 dBm
All values in dBc below RF power level.
Measured as upconverter.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com