Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA515 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # CA515
Description  Cascadable Amplifier 10 to 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA515 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  CA515 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA515 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CA515 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cascadable Amplifier
10 to 500 MHz
Rev. V1
A515 / SMA515
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Outline Drawing: TO-8 *
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves @ +25oC
Outline Drawing: Surface Mount *
Outline Drawing: SMA Connectorized *
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max
P owe r O utput @ 1 dB Compre ssion
20
21
22
23
5
10
50
100 200 300 400 500 600
Frequency - MHz
Inte rc e pt P oint - dBm
0
10
20
30
40
50
60
5
10
50 100 200 300 400 500 600 700
Fre que nc y - MHz
V S WR
1
1.5
2
5
50
150
250
350
450
600
Frequency (MHz)
Noise Figure
2
3
4
5
10
30
50
200
400
600
Frequency - MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com