Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC346C8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC346C8
Description  GaAs MMIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC346C8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC346C8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
9 - 63
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC346C8
GaAs MMIC SMT VOLTAGE-
VARIABLE ATTENUATOR, DC - 8 GHz
v00.0504
Insertion Loss vs. Temperature
Return Loss vs. Attenuation
Relative Attenuation vs.
Control Voltage @ 8 GHz
Relative Attenuation vs.
Control Voltage @ 4 GHz
Relative Attenuation, Control Voltage
Optimized for 4 GHz Operation
Relative Attenuation, Control Voltage
Optimized for 8 GHz Operation
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
01
234
5678
9
10
+25C
+85C
-40C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
01
234
5678
9
10
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0
5
10
15
20
25
30
V1 +25C
V2 +25C
V1 +85C
V2 +85C
V1 -40C
V2 -40C
RELATIVE ATTENUATION (dB)
-3
-2.5
-2
-1.5
-1
-0.5
0
0
5
10
15
20
25
30
V1 +25C
V2 +25C
V1 +85C
V2 +85C
V1 -40C
V2 -40C
RELATIVE ATTENUATION (dB)
-35
-30
-25
-20
-15
-10
-5
0
01
234
5678
9
10
5dB
10dB
15dB
20dB
25dB
30dB
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
01
234
5678
9
10
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com