Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC346LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC346LP3
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC346LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC346LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
9 - 74
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC346LP3
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, DC - 14 GHz
v02.0604
General Description
Features
Functional Diagram
Wide Bandwidth: DC - 14 GHz
Low Phase Shift vs. Attenuation
30 dB Attenuation Range
Simplified Voltage Control
3 mm x 3 mm x 1 mm SMT Package
Electrical Specifications, T
A = +25° C, 50 ohm system
Typical Applications
The HMC346LP3 is ideal for:
• Basestation Infrastructure
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military Radios, Radar, & ECM
• Test Instrumentation
The HMC346LP3 is an absorptive Voltage Variable
Attenuator (VVA) in a low cost leadless surface
mount plastic package operating from DC - 14 GHz.
It features an on-chip reference attenuator for use
with an external op-amp to provide simple single
voltage attenuation control, 0 to -3V. The device is
ideal in designs where an analog DC control signal
must control RF signal levels over a 30 dB ampli-
tude range. This VVA is an excellent alternative to
the HMC121C8.
Parameter
Min
Typical
Max
Units
Insertion Loss
DC - 10 GHz
DC - 14 GHz
1.7
2.8
2.2
3.3
dB
dB
Attenuation Range
DC - 10 GHz
DC - 14 GHz
27
22
30
27
dB
dB
Return Loss
DC - 14 GHz
5
10
dB
Switching Characteristics
tRISE, tFALL (10/90% RF):
tON, tOFF (50% CTL to 10/90% RF):
2
8
ns
ns
Input Power for 0.25 dB Compression (0.5 - 8 GHz)
Min. Atten:
Atten. >2 dB:
+8
-4
dBm
dBm
Input Third Order Intercept (0.5 - 8 GHz)
(Two-tone Input Power = -8 dBm Each Tone)
Min. Atten:
Atten. >2 dB:
+25
+10
dBm
dBm


Similar Part No. - HMC346LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346LP3 HITTITE-HMC346LP3 Datasheet
255Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC346LP3 HITTITE-HMC346LP3 Datasheet
369Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC346LP3E HITTITE-HMC346LP3E Datasheet
255Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC346LP3 HITTITE-HMC346LP3_06 Datasheet
369Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC346LP3 HITTITE-HMC346LP3_08 Datasheet
255Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results

Similar Description - HMC346LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC121 HITTITE-HMC121 Datasheet
100Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR DC - 15 GHz
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346LP3 HITTITE-HMC346LP3_06 Datasheet
369Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC346 HITTITE-HMC346_09 Datasheet
281Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346LC3B HITTITE-HMC346LC3B Datasheet
242Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346LP3 HITTITE-HMC346LP3_08 Datasheet
255Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com