Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1059967 Datasheet(PDF) 5 Page - SICK AG

Part # 1059967
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059967 Datasheet(HTML) 5 Page - SICK AG

  1059967 Datasheet HTML 1Page - SICK AG 1059967 Datasheet HTML 2Page - SICK AG 1059967 Datasheet HTML 3Page - SICK AG 1059967 Datasheet HTML 4Page - SICK AG 1059967 Datasheet HTML 5Page - SICK AG 1059967 Datasheet HTML 6Page - SICK AG 1059967 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DL100-12AA2103 | Dx100
LONG RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5
DL100 Pro SSI, M12 male connector, 8-pin, A-coded
1
7
2
6
5
4
3
8
Connection diagram
DL100 Pro RS-422, SSI, M12 male connector, 8-pin
MF1
L+
Rx–/CLK–
Tx–/DATA–
1
2
brn
grn
gra
wht
3
5
Rx+/CLK+
4
yel
Tx+/DATA+
6
pnk
M
7
blu
MF2
8
red
Ethernet M12 female connector, 4-pin
Tx+
Rx+
Tx–
Rx–
1
2
4
3
Recommended accessories
Other models and accessories
www.sick.com/Dx100
Brief description
Type
Part no.
Terminal and alignment brackets
Alignment unit for Dx100, incl. mounting material, steel, zinc coated
BEF-AH-DX100
2058653
Plug connectors and cables
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PUR, halogen-free, shielded, 2 m
DOL-1208-G02MAH1
6032448
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, shielded, 5 m
DOL-1208-G05MAH1
6032449



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com