Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC356LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC356LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC356LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC356LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
8 - 122
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC356LP3
v01.0604
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 350 - 550 MHz
Pin Number
Function
Description
Interface Schematic
1, 5, 8,
9,10,12,13,14
N/C
No connection necessary.
These pins may be connected to RF/DC ground.
2, 4, 6,16
GND
These pins and package ground paddle
must be connected to RF/DC ground.
3
RF IN
This pin is matched to 50 Ohms with a 51 nH
inductor to ground. See Application Circuit.
7ACG
AC Ground - An external capacitor of 0.01µF to
ground is required for low frequency bypassing.
See Application Circuit for further details.
11
RF OUT
This pin is AC coupled and matched to 50 Ohms.
15
Vdd
Power supply voltage. Choke inductor and bypass
capacitor are required. See application circuit.
Pin Descriptions
Application & Evaluation PCB Circuit
Note 1: Choose value of capacitor C1 for low frequency
bypassing. A 0.01 µF ±10% capacitor is recommended.
Note 2: L1, L2 and C1 should be located as close to pins as
possible.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com