Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0808 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0808
Description  8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0808 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC0808 Datasheet HTML 6Page - National Semiconductor (TI) ADC0808 Datasheet HTML 7Page - National Semiconductor (TI) ADC0808 Datasheet HTML 8Page - National Semiconductor (TI) ADC0808 Datasheet HTML 9Page - National Semiconductor (TI) ADC0808 Datasheet HTML 10Page - National Semiconductor (TI) ADC0808 Datasheet HTML 11Page - National Semiconductor (TI) ADC0808 Datasheet HTML 12Page - National Semiconductor (TI) ADC0808 Datasheet HTML 13Page - National Semiconductor (TI) ADC0808 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Applications Information (Continued)
4.0 ANALOG COMPARATOR INPUTS
The dynamic comparator input current is caused by the pe-
riodic switching of on-chip stray capacitances. These are
connected alternately to the output of the resistor ladder/
switch tree network and to the comparator input as part of
the operation of the chopper stabilized comparator.
The average value of the comparator input current varies di-
rectly with clock frequency and with V
IN
as shown in
Figure 6.
If no filter capacitors are used at the analog inputs and the
signal source impedances are low, the comparator input cur-
rent should not introduce converter errors, as the transient
created by the capacitance discharge will die out before the
comparator output is strobed.
If input filter capacitors are desired for noise reduction and
signal conditioning they will tend to average out the dynamic
comparator input current. It will then take on the characteris-
tics of a DC bias current whose effect can be predicted con-
ventionally.
Typical Application
TABLE 2. Microprocessor Interface Table
PROCESSOR
READ
WRITE
INTERRUPT (COMMENT)
8080
MEMR
MEMW
INTR (Thru RST Circuit)
8085
RD
WR
INTR (Thru RST Circuit)
Z-80
RD
WR
INT (Thru RST Circuit, Mode 0)
SC/MP
NRDS
NWDS
SA (Thru Sense A)
6800
VMA
•
φ2•R/W
VMA
•
φ•R/W
IRQA or IRQB (Thru PIA)
DS005672-10
*Address latches needed for 8085 and SC/MP interfacing the ADC0808 to a microprocessor
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com