Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT493-G Datasheet(PDF) 3 Page - Comchip Technology

Part # FMMT493-G
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FMMT493-G Datasheet(HTML) 3 Page - Comchip Technology

  FMMT493-G Datasheet HTML 1Page - Comchip Technology FMMT493-G Datasheet HTML 2Page - Comchip Technology FMMT493-G Datasheet HTML 3Page - Comchip Technology FMMT493-G Datasheet HTML 4Page - Comchip Technology FMMT493-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
REV:A
QW-BTR47
RATING AND CHARACTERISTIC CURVES ( FMMT493-G )
Page 3
General Purpose Transistor
10
100
1000
0.1
Collector Current, Ic (mA)
Fig.4- VCEsat IC
10
1000
Collector Current
(mA)
, Ic
0.1
Fig.3 - VBEsat IC
1
1000
Fig.6 - IC — VBE
Base-Emmiter Voltage, VBE (mV)
Company reserves the right to improve product design , functions and reliability without notice.
10
100
1000
800
600
400
200
1
100
Ta=25°C
Ta=100°C
β=10
Ta=100°C
Ta=25°C
VCE=10V
Collector Current, IC (mA)
0
20
40
60
80
Fig.5 - fT — IC
180
120
40
20
0
100
60
80
100
140
160
800
1000
100
200
300
400
500
600
700
900
0.1
1
10
1000
100
Ambient Temperature, Ta (°C)
0
25
50
75
100
Fig.7 - PC — Ta
300
200
50
0
125
100
150
250
150
β=10
VCE=10V
Ta=25°C
Ta=25°C
Ta=100°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com