Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5551-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBT5551-G
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT5551-G Datasheet(HTML) 2 Page - Comchip Technology

  MMBT5551-G Datasheet HTML 1Page - Comchip Technology MMBT5551-G Datasheet HTML 2Page - Comchip Technology MMBT5551-G Datasheet HTML 3Page - Comchip Technology MMBT5551-G Datasheet HTML 4Page - Comchip Technology MMBT5551-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
QW-BTR20
General Purpose Transistor
REV:B
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
3
6
9
18
12
2
4
6
8
10
12
0
Collector Current, Ic (mA)
1
10
200
0
Fig.2 - hFE — IC
100
500
IB=20uA
30uA
40uA
50uA
60uA
70uA
80uA
90uA
COMMON
EMITTER
Ta=25°C
15
COMMON EMITTER
VCE=5V
Ta=100°C
Ta=25°C
100
Company reserves the right to improve product design , functions and reliability without notice.
RATING AND CHARACTERISTIC CURVES (MMBT5551-G)
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Max.
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
IC=100μA, IE=0
IC=1mA, IB=0
IE=10μA, IC=0
VCB=120V, IE=0
VEB=4V, IC=0
VCE=5V, IC=1mA
VCE=5V, IC=10mA
VCE=5V, IC=50mA
IC=50mA, IB=5mA
IC=50mA, IB=5mA
VCE=10V, IC=10mA, f=100MHz
V(BR)CBO
V(BR)EBO
ICBO
IEBO
fT
180
160
6
80
100
50
100
V
50
50
200
0.15
1
V
V
V
nA
nA
V
V
MHZ
hFE(1)*
hFE(2)*
hFE(3)*
Typ.
VCE(sat)1*
VBE(sat)1*
IC=10mA, IB=1mA
IC=10mA, IB=1mA
VCE(sat)2*
VBE(sat)2*
0.20
V
1
V
300
Collector output capacitance
VCB=10V, IE=0, f=1MHz
6
pF
Cob
V(BR)CEO*
*Pulse test: pulse width ≤300µs, duty cycle≤2.0%
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com