Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02066-21 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M02066-21
Description  3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066-21 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02066-21 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Product Specification
02066-DSH-001-D
Mindspeed Technologies
®
2
Preliminary Information / Mindspeed Proprietary and Confidential
1.3
DC Characteristics
VCC=+3.3V ± 10%, TA=-40 °C to +85 °C, unless otherwise noted.
Table 1-3.
DC Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Supply current
IBIAS = 50 mA IMOD = 50 mA
Excluding IBIAS and IMOD
-57
-
mA
Supply current
IBIAS = 100 mA IMOD = 85 mA
Excluding IBIAS and IMOD
-70
75
mA
Bias current adjust range
Limited by OCASET across temperature
range
2-
100
mA
Bias current with output disabled
Tx_Disable = HIGH
-
-
300
µA
Maximum bias current limit
TA = +85 °C (adjustable)
100(1)
--
mA
Change in OCASET over temperature
-
200
-
µA/°C
Monitor diode reverse bias voltage
-
2.1
-
V
Monitor diode current adjustment range
10
-
1500
µA
TTL/CMOS input HIGH voltage
(CEN, DIS)
2.0
-
-
V
TTL/CMOS input LOW voltage
(CEN, DIS)
--
0.8
V
CMOS output HIGH voltage
(FAIL, OCA)
2.4
-
-
V
CMOS output LOW voltage
(FAIL, OCA)
--
0.4
V
Differential input impedance
Data and clock inputs
2.5
-
-
k
Ω
Common-mode input voltage
VCC-1.7
VCC-(VIN(Diff)/4)
V
Self-biased common mode input voltage
Data and clock inputs
VCC-1.7
-
VCC-0.47
V
NOTE:
(VCC = +3.3 V ±10%, TA = 40 °C to + 85 °C, unless otherwise noted)
1.
ROCASET = 0 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com