Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC370LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC370LP4
Description  SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC370LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC370LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
11 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
HMC370LP4
v01.0604
Pin Description
Pin Number
Function
Description
Interface Schematic
1, 2, 5-14, 17,
18, 20-24
N/C
No Connection
3
RF IN
RF input needs to be DC blocked only if there is an
external DC voltage applied to RF IN.
4, 15
GND
All ground leads and ground paddle must be soldered
to PCB RF/DC ground.
16
RF OUT
Multiplied Output. AC coupled. No external DC blocks
necessary.
19
Vcc
Supply voltage 5V ± 0.5V.
SMT GaAs HBT MMIC x4 ACTIVE
FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com