Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1054F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPD1054F
Description  Low-Side Switch for Motor, Solenoid and Lamp Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1054F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPD1054F Datasheet HTML 1Page - Toshiba Semiconductor TPD1054F Datasheet HTML 2Page - Toshiba Semiconductor TPD1054F Datasheet HTML 3Page - Toshiba Semiconductor TPD1054F Datasheet HTML 4Page - Toshiba Semiconductor TPD1054F Datasheet HTML 5Page - Toshiba Semiconductor TPD1054F Datasheet HTML 6Page - Toshiba Semiconductor TPD1054F Datasheet HTML 7Page - Toshiba Semiconductor TPD1054F Datasheet HTML 8Page - Toshiba Semiconductor TPD1054F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPD1054F
2013-11-28
2
Block Diagram
Pin Description
Pin No.
Symbol
Pin Description
1
VDD
Power supply pin.
2
STBY
STBY pin.
VSTBY=L/Open:IDD≦10μA(Standby mode)
VSTBY=H:Active control
3
IN
I Input pin. The IN pin has an internal pull-down resistor.
Even if the IN pin is open, the output will not accidentally turn on.
4
GND
Ground pin.
5
N.C
No-Connect pin. (not connected to the chip.)
6
OUT
Output pin. When a load short-circuit causes an overcurrent (1.0A min) to flow into a device, output
current is limited in order to protect the IC.
7
N.C
No-Connect pin. (not connected to the chip.)
8
DIAG
Self-diagnosis detection. open Drain.
When Input is “H”(Output on), and Overcurrent or Overtemperature is detected, DIAG becomes low
level and it is latched.
When input is low level, the state of latch is reset.
Over current
detection
DIAG
STBY
IN
Output
voltage
monitor
Voltage
clamp
VDD
5V
GND
OUT
VBAT(12V)
Over temperature
detection
REG-IC
MPU
TPD1054F
+
-
Load
STBY
Output Power
Device(DMOS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com